전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3641FV 데이터시트(PDF) 1 Page - Rohm

부품명 BA3641FV
상세설명  Recording amplifier with built-in ALC for headphone stereos
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3641FV 데이터시트(HTML) 1 Page - Rohm

  BA3641FV Datasheet HTML 1Page - Rohm BA3641FV Datasheet HTML 2Page - Rohm BA3641FV Datasheet HTML 3Page - Rohm BA3641FV Datasheet HTML 4Page - Rohm BA3641FV Datasheet HTML 5Page - Rohm BA3641FV Datasheet HTML 6Page - Rohm BA3641FV Datasheet HTML 7Page - Rohm BA3641FV Datasheet HTML 8Page - Rohm BA3641FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
326
Audio ICs
Recording amplifier with built-in ALC
for headphone stereos
BA3641FV
The BA3641FV is an option IC developed for the purpose of adding a recording function to 1-chip playback system ICs
(BA3612AKV, etc.) for headphone stereos.
FApplications
Headphone stereos with recording function
FFeatures
1) Two built-in microphone amplifier channels.
2) Microphone mute function (radio / microphone
switching).
3) Two built-in recording amplifier channels (with ALC).
4) Two built-in monitor output amplifier channels (ra-
dio / microphone switching).
5) Built-in regulators for the erase head and bias OSC
circuit.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended power supply voltage ranges (Ta = 25_C)


유사한 부품 번호 - BA3641FV

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
BA36-12GWA KINGBRIGHT-BA36-12GWA Datasheet
99Kb / 3P
   9mm (0.36INCH) THREE DIGIT NUMERIC DISPLAY
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
108Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
More results

유사한 설명 - BA3641FV

제조업체부품명데이터시트상세설명
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com