전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3888S 데이터시트(PDF) 2 Page - Rohm

부품명 BA3888S
상세설명  High-definition sound processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3888S 데이터시트(HTML) 2 Page - Rohm

  BA3888S Datasheet HTML 1Page - Rohm BA3888S Datasheet HTML 2Page - Rohm BA3888S Datasheet HTML 3Page - Rohm BA3888S Datasheet HTML 4Page - Rohm BA3888S Datasheet HTML 5Page - Rohm BA3888S Datasheet HTML 6Page - Rohm BA3888S Datasheet HTML 7Page - Rohm BA3888S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
438
Audio ICs
BA3888S
FBlock diagram
FElectrical characteristics(unless otherwise noted, Ta = 25_C, VCC = 12V, fIN = 1kHz, VIN = 10dBV, Rg = 600Ω,
F
RL = 100k
Ω and VCTL = 2.5V and Vref = 5V)


유사한 부품 번호 - BA3888S

제조업체부품명데이터시트상세설명
logo
Rohm
BA3880AFS ROHM-BA3880AFS Datasheet
126Kb / 9P
   High-definition sound processor
BA3880AS ROHM-BA3880AS Datasheet
126Kb / 9P
   High-definition sound processor
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
BA3884 ROHM-BA3884 Datasheet
113Kb / 9P
   High-definition sound processor
BA3884F ROHM-BA3884F Datasheet
113Kb / 9P
   High-definition sound processor
More results

유사한 설명 - BA3888S

제조업체부품명데이터시트상세설명
logo
Rohm
BA3880AS ROHM-BA3880AS Datasheet
126Kb / 9P
   High-definition sound processor
BA3884F ROHM-BA3884F Datasheet
113Kb / 9P
   High-definition sound processor
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
logo
C-Media Electronics
CM6632A CMEDIA-CM6632A Datasheet
363Kb / 15P
   USB 2.0 High-Definition Audio Processor
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com