전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3963 데이터시트(PDF) 7 Page - Rohm

부품명 BA3963
상세설명  System power supply for CD player equipped audio systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3963 데이터시트(HTML) 7 Page - Rohm

  BA3963 Datasheet HTML 1Page - Rohm BA3963 Datasheet HTML 2Page - Rohm BA3963 Datasheet HTML 3Page - Rohm BA3963 Datasheet HTML 4Page - Rohm BA3963 Datasheet HTML 5Page - Rohm BA3963 Datasheet HTML 6Page - Rohm BA3963 Datasheet HTML 7Page - Rohm BA3963 Datasheet HTML 8Page - Rohm BA3963 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
213
Regulator ICs
BA3963
FApplication example
FOperation notes
(1)
Operating power supply voltage
When operating within proper ranges of power supply
voltage and ambient temperature, most circuit functions
are guaranteed. Although the rated values of electrical
characteristics cannot be absolutely guaranteed, char-
acteristic values do not change drastically within the
proper ranges.
(2)
Power dissipation (Pd)
Refer to the heat reduction curves (Fig. 5) and the rough
estimation of IC power dissipation given on a separate
page. If power dissipation exceeds the allowable limit,
the functionality of IC will be degraded (such as reduction
of current capacity by increased chip temperature).
Make sure to use the IC within the allowable range of
power dissipation with a sufficient margin.
(3)
Preventing oscillation at each output
To stop oscillation of output, make sure to connect a ca-
pacitor having a capacitance of 10
µF or greater between
GND and each output pin. Also, the 5V output ripple re-
jection is improved by connecting a capacitor having a
capacitance of 1
µF or greater between pins 4 and 6.
When connecting the capacitors, be sure to connect the
polarities correctly. Oscillation of output can occur if ca-
pacitance is susceptible to temperature. We recommend
using a tantalum electrolytic capacitor with minimal
changes in capacitance.


유사한 부품 번호 - BA3963

제조업체부품명데이터시트상세설명
logo
Rohm
BA3960 ROHM-BA3960 Datasheet
82Kb / 5P
   Dual circuit, variable output voltage regulator
logo
List of Unclassifed Man...
BA3960 ETC2-BA3960 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - BA3963

제조업체부품명데이터시트상세설명
logo
Rohm
BA3950A ROHM-BA3950A Datasheet
103Kb / 8P
   System power supply for CD player equipped audio systems
BU9354KV ROHM-BU9354KV Datasheet
59Kb / 3P
   System LSI for CD player
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com