전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA5961FV 데이터시트(PDF) 4 Page - Rohm

부품명 BA5961FV
상세설명  Power driver for CD player
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA5961FV 데이터시트(HTML) 4 Page - Rohm

  BA5961FV Datasheet HTML 1Page - Rohm BA5961FV Datasheet HTML 2Page - Rohm BA5961FV Datasheet HTML 3Page - Rohm BA5961FV Datasheet HTML 4Page - Rohm BA5961FV Datasheet HTML 5Page - Rohm BA5961FV Datasheet HTML 6Page - Rohm BA5961FV Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BA5961FV
Optical disc ICs
4/7
!
!
!
!
Electrical characteristics (unless otherwise noted, Ta=25
°C, PreVCC=PowVCC=5V, VBIAS=1.65V, RL=8Ω)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measuring
circuit
Quiescent current without signal
<Driver block>
Output offset voltage
Maximum output voltage amplitude
Maximum output voltage amplitude (Separated voltage supply)
Closed circuit gain
Srand-by ON voltage
Srand-by OFF voltage
<Operational amplifier>
Offset voltage
Input bias current
Common mode input range
High level output voltage
Low level output voltage
Output drive current(Sink)
Output drive current(Sorce)
Slew rate
IQ
VOOF
VOM
VOMS
GVC
VSTON
VSTOFF
VOFOP
IBOP
VICM
VOH
VOL
ISI
ISO
SROP
−60
3.0
3.5
16.0
2.0
−6
0.1
4.1
0.5
0.5
10.0
3.6
4.2
18.0
0
30
4.8
0.2
1
14.0
60
20.0
0.5
6
300
3.8
0.9
mA
mV
V
V
dB
V
V
mV
nA
V
V
V
mA
mA
V /
µs
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
VIN=BIAS=1.65V
PreVCC=12V, PowVCC=5V
VIN=1.35V, 1.95V
VIN=
GND, Invert amp.
VIN=VCC
, Invert amp.
100kHz square wave, 2Vpk-pk
This product in not designed for protection against radioactive rays.


유사한 부품 번호 - BA5961FV

제조업체부품명데이터시트상세설명
logo
Rohm
BA5961FV ROHM-BA5961FV Datasheet
288Kb / 7P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV Datasheet
86Kb / 6P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV_1 Datasheet
288Kb / 7P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV_2 Datasheet
86Kb / 6P
   Power Driver For CD Players
More results

유사한 설명 - BA5961FV

제조업체부품명데이터시트상세설명
logo
Rohm
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
BA5962FVM ROHM-BA5962FVM Datasheet
80Kb / 5P
   Power driver for CD player
logo
Toshiba Semiconductor
TA2125AF TOSHIBA-TA2125AF_03 Datasheet
118Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
   POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
   Power Driver IC for CD Player
TA8212F TOSHIBA-TA8212F Datasheet
253Kb / 6P
   4CH POWER DRIVER IC FOR CD PLAYER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com