전자부품 데이터시트 검색엔진 |
|
BA5994FM 데이터시트(PDF) 1 Page - Rohm |
|
BA5994FM 데이터시트(HTML) 1 Page - Rohm |
1 / 2 page 4-Channel BTL driver 1) 4-channel BTL driver 2) Wide dynamic range (4V typical at PreVcc=12V, PowVcc=5V, RL=8 Ω) 3) Built-in thermal shut down circuit 4) Separating Vcc into Pre and Power (Power divides into Channel1&2 and Channel 3&4) makes for improved power efficiency, by a lower supply voltage drive 5) Mute operated individually with Channel 4 and Channel 1&2&3 6) All channels are mute in standby mode 7) Suitable for low operation voltage DSP by wide dynamic range pre operational amplifier. 8) Built-in short-brake circuit (Channel 2&3) The BA5994FM is a 4-channel BTL driver for an actuator and motor driver of CD/CD-ROM. (Inputs for the driver connect to an operational amplifier and it is compatible with various applications.) Channel 2&3 include a short-brake function. HSOP-M28 BA5994FM 99W139A CD, CD-ROM January, 2000 Supply voltage Power dissipation Operating temperature range Storage temperature rang PREVcc, POWVcc Pd Topr Tstg V W ˚C 13.5 2.2 ~ ~ -35 +85 -55 +150 *1 Parameter Symbol Limits Unit Output current IOMAX A 1 *2 *1 On less than 3% (percentage occupied by copper foil), 70mm 70mm, t=1.6mm, glass epoxy mounting. Derating: 17.6mW/˚C for operation above Ta=25˚C *2 The output current must not exceed the maximum ASO. Absolute Maximum Ratings (Ta=25˚C) Applications Dimension (Units:mm) Description Features ˚C |
유사한 부품 번호 - BA5994FM |
|
유사한 설명 - BA5994FM |