전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6852FP 데이터시트(PDF) 8 Page - Rohm

부품명 BA6852FP
상세설명  Spindle and loading motor driver for PD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6852FP 데이터시트(HTML) 8 Page - Rohm

Back Button BA6852FP Datasheet HTML 4Page - Rohm BA6852FP Datasheet HTML 5Page - Rohm BA6852FP Datasheet HTML 6Page - Rohm BA6852FP Datasheet HTML 7Page - Rohm BA6852FP Datasheet HTML 8Page - Rohm BA6852FP Datasheet HTML 9Page - Rohm BA6852FP Datasheet HTML 10Page - Rohm BA6852FP Datasheet HTML 11Page - Rohm BA6852FP Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
799
Motor driver ICs
BA6852FP
EC, ECR : Torque command operation
voltage range
ECOF
±
: Vary EC until ECR = 2.5V, then
Vary EC voltmeter V1 < 3mV.
This EC voltage range
(see operation notes (2)).
ECIN
: Ammeter value when
EC = 2V and ECR = 2.5V
GEC
: If the V1 value is V2 when
EC = 1.5V, and the V1
value is V3 when EC = 2.0V
GEC = {(V2
* V3) / (2.0 * 1.5)} /
RNF (RNF = 0.5
Ω)
VSBON
: BRK pin voltage range when all
output pins are low.
VSBOFF
: BRK pin voltage range when all
output pins are as per the Input /
output table.


유사한 부품 번호 - BA6852FP

제조업체부품명데이터시트상세설명
logo
Rohm
BA6853FS ROHM-BA6853FS Datasheet
155Kb / 11P
   3-phase motor driver for CD-ROMs
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
   CD-ROM spindle motor driver
BA6858AFM ROHM-BA6858AFM Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6858AFP ROHM-BA6858AFP Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6859AFM ROHM-BA6859AFM Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
More results

유사한 설명 - BA6852FP

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KA8330 SAMSUNG-KA8330 Datasheet
64Kb / 7P
   LOADING MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Fairchild Semiconductor
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
logo
Mitsubishi Electric Sem...
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com