전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7149 데이터시트(PDF) 5 Page - Rohm

부품명 BA7149
상세설명  Electronic viewfinder driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7149 데이터시트(HTML) 5 Page - Rohm

  BA7149 Datasheet HTML 1Page - Rohm BA7149 Datasheet HTML 2Page - Rohm BA7149 Datasheet HTML 3Page - Rohm BA7149 Datasheet HTML 4Page - Rohm BA7149 Datasheet HTML 5Page - Rohm BA7149 Datasheet HTML 6Page - Rohm BA7149 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Video ICs
BA7149F
16pin
2pin
16pin
500
20k
12pin
20k
Fig.11
15pin
12pin
10k
15pin
2k
2k
2.8V
10k
10k
12k
V
+
Fig.10
Circuit operation
Input signals
63.556
µ
H Pulse only
0.29V at 11pin
adj.at 11pin
4.7
µ
262.5H
16.683m
V Pulse only
H Pulse only
Pulse IH
Pulse IS
Pulse IV
IH
Fig.12
The video signal input to pin 11 is detected by the charg-
ing and discharging of an external capacitor. Sync sepa-
ration is done in the SYNC SEPA block. The H. SYNC
signal is sent to the H. OSC, and the V. SYNC signal is
sync-separated in the vertical sync pulse interval and sup-
plied to the V. OSC block.
The H. OSC block consists of a PLL that oscillates in sync
with the sync-separated H. SYNC signal, and outputs the
HD pulse and horizontal deflection pulse.
In the V. OSC block, a direct-control method is used with
the sync signal. To synchronize the vertical oscillator cir-
cuit, the inherent oscillation period of the oscillation circuit
is made slightly larger than the vertical sync signal period,
so that the sync signal always enters slightly early.
The oscillator output alone is not enough to ensure stable
operation for the vertical deflection output circuit, so it is
amplified by the V. DRIVE block.
The horizontal and vertical blanking signals generated in
the H. OSC and V. OSC blocks are used to erase the hor-
izontal retrace line from the video signal input to pin 11.
The signal is inverted and amplified by a 6dB inverting
amplifier and output as a negative-polarity video signal.


유사한 부품 번호 - BA7149

제조업체부품명데이터시트상세설명
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7107F ROHM-BA7107F Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7107S ROHM-BA7107S Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA715 ROHM-BA715 Datasheet
173Kb / 3P
   Dual Operational Amplifier
logo
List of Unclassifed Man...
BA715 ETC2-BA715 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - BA7149

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AN2510S ETC1-AN2510S Datasheet
362Kb / 6P
   VIDEO CAMERA ELECTRONIC VIEWFINDER DRIVE CIRCUIT
logo
Lumins Inc.
EC620 LUMINIS-EC620 Datasheet
221Kb / 3P
   LED electronic driver
EC630 LUMINIS-EC630 Datasheet
136Kb / 2P
   LED electronic driver
EC830 LUMINIS-EC830 Datasheet
166Kb / 2P
   LED electronic driver
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
310Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
   ELECTRONIC DRIVER FOR TL BALLASTS
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
logo
Melexis Microelectronic...
MLX10801 MELEXIS-MLX10801 Datasheet
622Kb / 41P
   Power LED driver for automotive applications Power saving low side coil driver Electronic fuse
logo
NEC
2SB1117 NEC-2SB1117 Datasheet
158Kb / 2P
   Suitable for driver of solenoid or motor, or electronic flash
logo
STMicroelectronics
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
   A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
More results


Html Pages

1 2 3 4 5 6 7