전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7626F 데이터시트(PDF) 1 Page - Rohm

부품명 BA7626F
상세설명  Video signal switcher for AV amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7626F 데이터시트(HTML) 1 Page - Rohm

  BA7626F Datasheet HTML 1Page - Rohm BA7626F Datasheet HTML 2Page - Rohm BA7626F Datasheet HTML 3Page - Rohm BA7626F Datasheet HTML 4Page - Rohm BA7626F Datasheet HTML 5Page - Rohm BA7626F Datasheet HTML 6Page - Rohm BA7626F Datasheet HTML 7Page - Rohm BA7626F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Multimedia ICs
Video signal switcher for AV amplifiers
BA7626 / BA7626F
The BA7626 and BA7626F are video signal switches that contain two five-channel analog multiplexers for switching
chroma and audio signals, and two wide-band 6dB amplifiers. By simply adding transistor buffers to the outputs, it is
possible to construct a record / playback switch for two record / playback VCRs, and three video playback machines
(eg. laser desk players). Input switching and VCR record switching can be done independently. The inputs are termi-
nated with 20k
Ω resistors, and are suitable for switching chroma and audio signals.
Applications
AV amplifiers (audio signals and S-pin chroma signals) and video selectors
Features
1) 5-input / 3-output switches.
2) 20k
Ω input impedance.
3) Built-in 6dB amplifiers.
4) 5V supply voltage.
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
9V
mW
Topr
°C
Tstg
°C
VCC
500
Pd
– 25 ~ +70
– 55 ~ +125
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
Reduced by 5.0mW for each increase in Ta of 1°C over 25°C.


유사한 부품 번호 - BA7626F

제조업체부품명데이터시트상세설명
logo
Rohm
BA7626F ROHM-BA7626F Datasheet
157Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
BA7626F ROHM-BA7626F Datasheet
717Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
BA7626FS ROHM-BA7626FS Datasheet
157Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
BA7626FS ROHM-BA7626FS Datasheet
717Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
BA7626F ROHM-BA7626F_08 Datasheet
717Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
More results

유사한 설명 - BA7626F

제조업체부품명데이터시트상세설명
logo
Rohm
BA7625 ROHM-BA7625 Datasheet
97Kb / 8P
   Video signal switcher for AV amplifiers
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com