전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7660FS 데이터시트(PDF) 6 Page - Rohm

부품명 BA7660FS
상세설명  3-channel 75??driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7660FS 데이터시트(HTML) 6 Page - Rohm

  BA7660FS Datasheet HTML 1Page - Rohm BA7660FS Datasheet HTML 2Page - Rohm BA7660FS Datasheet HTML 3Page - Rohm BA7660FS Datasheet HTML 4Page - Rohm BA7660FS Datasheet HTML 5Page - Rohm BA7660FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Multimedia ICs
BA7660FS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
75
6dB
75
6dB
75
6dB
75
When the sag correction function is used.
6dB
Composite Video
D / A
D / A
D / A
Composite Y
N.C.
Chroma
MUTE
5V
N.C.
1000
µF
+
75
75
Vcc
0.1
µF47µF
+
1000
µF
+
75
75
75
1000
µF
+
75
75
75
100
µF
+
22
µF
+
Application example
SSOP-A16
0.36
± 0.1
0.8
6.6
± 0.2
1
16
8
9
0.15
0.3Min.
External dimensions (Units: mm)


유사한 부품 번호 - BA7660FS

제조업체부품명데이터시트상세설명
logo
Rohm
BA7660FS ROHM-BA7660FS Datasheet
171Kb / 6P
   3ch 75ohm driver
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
   3ch 75ohm driver
More results

유사한 설명 - BA7660FS

제조업체부품명데이터시트상세설명
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
logo
Rohm
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
   3-channel 75??driver with Y / C MIX
logo
New Japan Radio
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75 DRIVER
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
   75??driver IC with 3 internal circuits
BA7623F ROHM-BA7623F Datasheet
68Kb / 6P
   75??driver IC with 3 internal circuits
logo
Unisonic Technologies
M3366 UTC-M3366_11 Datasheet
202Kb / 6P
   3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
logo
Mitsubishi Electric Sem...
M56783AFP MITSUBISHI-M56783AFP Datasheet
430Kb / 13P
   3 CHANNEL ACTUATOR DRIVER
logo
Sanyo Semicon Device
LB8902M SANYO-LB8902M Datasheet
76Kb / 3P
   3-Channel Clock Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Panasonic Semiconductor
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
   3-channel Linear Driver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com