전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7664FV 데이터시트(PDF) 4 Page - Rohm

부품명 BA7664FV
상세설명  75??driver with Y / C MIX circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7664FV 데이터시트(HTML) 4 Page - Rohm

  BA7664FV Datasheet HTML 1Page - Rohm BA7664FV Datasheet HTML 2Page - Rohm BA7664FV Datasheet HTML 3Page - Rohm BA7664FV Datasheet HTML 4Page - Rohm BA7664FV Datasheet HTML 5Page - Rohm BA7664FV Datasheet HTML 6Page - Rohm BA7664FV Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Multimedia ICs
BA7664FV
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
Max. output level
Voltage gain
Frequency characteristic
Muting attenuation
Muting switching high level
Muting switching low level
Input impedance
Circuit current when muted
ICC
Vom
GV
GF
MT
VTHH
VTHL
ZIN
IMUTE
6.1
2.6
– 1.0
– 1.5
2.2
0
16
12.2
3.0
– 0.2
– 0.5
– 60
20
1.3
18.3
0.6
0.5
VCC
0.7
24
2.6
mA
VP-P
dB
dB
dB
V
V
k
mA
With no signal
f = 1kHz,THD = 1%V02
f = 4.43MHz / V01
f = 7MHz / 1MHz,1VP-P / V01
f = 4.43MHz,1VP-P / V01
Chrominance input pin (pin 7)
MUTEA “H”
Guaranteed design parameters (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Differential gain
Differential phase
DG
DP
1.0
0.5
2.0
2.0
%
DEG
VIN = 1.0VP-P reference staircase signal
VIN = 1.0VP-P reference staircase signal
Mute switch mode settings
MUTE
• MUTEA (1pin)
H
NORMAL
L
CHROMA MUTE
• MUTEB (5pin)
H
NORMAL
L


유사한 부품 번호 - BA7664FV

제조업체부품명데이터시트상세설명
logo
Rohm
BA7664AFV ROHM-BA7664AFV Datasheet
242Kb / 6P
   1ch 75ohm driver for DVD (Y/C MIX Type)
BA7664AFV ROHM-BA7664AFV Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
More results

유사한 설명 - BA7664FV

제조업체부품명데이터시트상세설명
logo
Rohm
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
   3-channel 75??driver with Y / C MIX
logo
New Japan Radio
NJM2570A NJRC-NJM2570A Datasheet
79Kb / 7P
   75??Driver with Filter and Y/C MIX
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
Agamem Microelectronic ...
AA8600AP AGAMEM-AA8600AP Datasheet
172Kb / 7P
   Y/C MIX
AA8600 AGAMEM-AA8600 Datasheet
43Kb / 1P
   VIDEO Y/C MIX
logo
Rohm
BA7664AFV ROHM-BA7664AFV Datasheet
242Kb / 6P
   1ch 75ohm driver for DVD (Y/C MIX Type)
BA7665AFS ROHM-BA7665AFS Datasheet
246Kb / 6P
   3 channel 75ohm driver for DVD (Y/C MIX Type)
logo
New Japan Radio
NJM2567 NJRC-NJM2567 Datasheet
75Kb / 5P
   Low Voltage Video Amplifier with Y/C MIX and Filter
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
117Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com