전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA823 데이터시트(PDF) 5 Page - Rohm

부품명 BA823
상세설명  8-bit, serial IN, parallel OUT driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA823 데이터시트(HTML) 5 Page - Rohm

  BA823 Datasheet HTML 1Page - Rohm BA823 Datasheet HTML 2Page - Rohm BA823 Datasheet HTML 3Page - Rohm BA823 Datasheet HTML 4Page - Rohm BA823 Datasheet HTML 5Page - Rohm BA823 Datasheet HTML 6Page - Rohm BA823 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Standard ICs
BA823 / BA823F
Pin descriptions
C
S
O0
O1
O2
O3
O4
O5
O6
O7
DO
VCC
GND1
GND2
D I
GND (Dig)
2
15
1
12
11
10
9
8
7
6
5
3
16
13
4
14
Pin No.
SHIFT PULSE
DATA INPUT
STROBE
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
DATA OUTPUT
VCC
GND
GND
GND
Pin name
Code
Function
Shift pulse of shift register
Data input of shift pulse registered using shift pulse rise
When "1", the content of the shift register is output
"0" when the content of the register is "1" on the 1st bit
"0" when the content of the register is "1" on the 2nd bit
"0" when the content of the register is "1" on the 3rd bit
"0" when the content of the register is "1" on the 4th bit
"0" when the content of the register is "1" on the 5th bit
"0" when the content of the register is "1" on the 6th bit
"0" when the content of the register is "1" on the 7th bit
"0" when the content of the register is "1" on the 8th bit
Has passed the O7 output circuit and becomes the input for the next step
Normally 5.0V used (
±10%)
O0 to O3 output circuit GND
O4 to O7 output circuit GND
Logic circuit GND


유사한 부품 번호 - BA823

제조업체부품명데이터시트상세설명
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
BA823F ROHM-BA823F Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
More results

유사한 설명 - BA823

제조업체부품명데이터시트상세설명
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
   8-bit Serial-in Parallel-out LED Driver IC
logo
Rohm
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
   8-Bit Serial In/Parallel Out Shift Register
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com