전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2090F 데이터시트(PDF) 11 Page - Rohm

부품명 BU2090F
상세설명  12-bit, serial IN, parallel OUT driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2090F 데이터시트(HTML) 11 Page - Rohm

Back Button BU2090F Datasheet HTML 4Page - Rohm BU2090F Datasheet HTML 5Page - Rohm BU2090F Datasheet HTML 6Page - Rohm BU2090F Datasheet HTML 7Page - Rohm BU2090F Datasheet HTML 8Page - Rohm BU2090F Datasheet HTML 9Page - Rohm BU2090F Datasheet HTML 10Page - Rohm BU2090F Datasheet HTML 11Page - Rohm BU2090F Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Standard ICs
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
Electrical characteristic curves
25
50
75
100
125
150
0
SOP16
SSOP16 (Unmounted)
SSOP16
1200
1000
800
600
400
200
AMBIENT TEMPERATURE: Ta (
°C)
Fig.7 BU2090 / F / FS thermal derating
characteristics
DIP16 (Unmounted)
(when mounted on a 90mm
× 50mm × 1.6mm
glass epoxy board)
(when mounted on a 50mm
× 50mm × 1.6mm
glass epoxy board)
SOP16 (Unmounted)
25
50
75
100
125
0
200
400
600
800
1000
1200
150
DIP18 (Unmounted)
AMBIENT TEMPERATURE: Ta (
°C)
(When mounted on a 70mm
× 70mm × 1.6mm glass epoxy board)
SSOP-B20
SSOP-B20
(Unmounted)
Fig.8 BU2092 / F / FV thermal derating
characteristics
(when mounted on a 50mm
× 50mm × 1.6mm
glass epoxy board)
SOP18 (Unmounted)
SOP18
0.5
0
1.0
1.5
2.0
2.5
30
25
20
15
10
5
VDD
= 5V
VDD
= 3V
OUTPUT VOLTAGE "LOW" LEVEL: VOL (V)
Fig.9 Output current vs.output low level
voltage


유사한 부품 번호 - BU2090F

제조업체부품명데이터시트상세설명
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2090F ROHM-BU2090F Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2090F-E2 ROHM-BU2090F-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090FS ROHM-BU2090FS Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
More results

유사한 설명 - BU2090F

제조업체부품명데이터시트상세설명
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
   8bit Serial IN / Parallel Out Driver
BA829 ROHM-BA829_1 Datasheet
165Kb / 6P
   8bits Serial-In Parallel-Out Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com