전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4021B 데이터시트(PDF) 2 Page - Rohm

부품명 BU4021B
상세설명  8-bit static shift register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4021B 데이터시트(HTML) 2 Page - Rohm

  BU4021B Datasheet HTML 1Page - Rohm BU4021B Datasheet HTML 2Page - Rohm BU4021B Datasheet HTML 3Page - Rohm BU4021B Datasheet HTML 4Page - Rohm BU4021B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Standard ICs
BU4021B / BU4021BF
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input high level voltage
VIH
3.5
——
V
5
7.0
——
10
11.0
——
15
Input low level voltage
VIL
——
1.5
V
5
——
3.0
10
——
4.0
15
Input high level current
IIH
——
0.3
µA15
VIH = 15V
Input low level current
IIL
——
– 0.3
µA15
VIL = 0V
Output high level voltage
VOH
4.95
——
V
5
IO = 0mA
9.95
——
10
14.95
——
15
Output low level voltage
VOL
——
0.05
V
5
IO = 0mA
——
0.05
10
——
0.05
15
Output high level current
IOH
– 0.16
——
mA
5VOH = 4.6V
– 0.4
——
10
VOH = 9.5V
– 1.2
——
15
VOH = 13.5V
Output low level current
IOL
0.44
——
mA
5VOL = 0.4V
1.1
——
10
VOL = 0.5V
3.0
——
15
VOL = 1.5V
Static current dissipation
IDD
——
20
µA
5
VI = VDD, GND
——
40
10
——
80
15
VDD (V)
Electrical characteristics
DC characteristics (unless otherwise noted, Ta = 25°C, VSS = 0V)


유사한 부품 번호 - BU4021B

제조업체부품명데이터시트상세설명
logo
Rohm
BU4021B ROHM-BU4021B Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4021B-E2 ROHM-BU4021B-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4021BF ROHM-BU4021BF Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4021BF-E2 ROHM-BU4021BF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4021BFV ROHM-BU4021BFV Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

유사한 설명 - BU4021B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
logo
NXP Semiconductors
HEF4014BT653 PHILIPS-HEF4014BT653 Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4014B NEXPERIA-HEF4014B Datasheet
216Kb / 12P
   8-bit static shift register
Rev. 11 - 24 November 2021
logo
NXP Semiconductors
HEF4014B NXP-HEF4014B Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com