전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

0022433110 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

부품명 0022433110
상세내용  2.5 SPOX IDT RECEPTACLE WHITE 11CKT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MOLEX3 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo 

0022433110 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022433110
Status:
Active
Description:
2.5 SPOX IDT RECEPTACLE WHITE 11CKT
Documents:
3D Model
Product Specification PS-42219-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
IDT and Solder Connectors
Series
42219
Comments
Spring Box|Use with 24 AWG solid
Crimp Quality Equipment
Yes
Product Name
SPOX™
Physical
Circuits (Loaded)
11
Color - Resin
Natural
Durability (mating cycles max)
25
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.50
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Stackable
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
24, 26
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Old Part Number
A-42219-11A
Reference - Drawing Numbers
Product Specification
PS-42219-0001
Sales Drawing
SDA-42219-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42219Series
Mates With
Headers, 5267 , 42249 , 42267 , 5268
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
IDT - Manual Press 0011219757
Hawk™ Discrete
Wire Terminator
Machine 2.5mm
0623000500
Hawk™ Discrete
Wire Terminator
Machine 2.5mm
0623000700
Changehead
for Parallel
Action Handtool
0690080290


Html Pages

1  2  3  4 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn