전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-34080-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-34080-001
상세설명  MX150??Male Cable Seal Terminal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-34080-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-34080-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-34080-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-34080-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-34080-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-34080-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-34080-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-34080-001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0340800002
Status:
Active
Overview:
mx150_sealed_connector_system
Description:
MX150™ Male Cable Seal Terminal, Tin (Sn) Plating, 18-20 AWG, Right Reel Payoff,
Contact Material Thickness 0.30mm (.012")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
34080
Comments
Right Reel Payoff
Crimp Quality Equipment
Yes
Overview
mx150_sealed_connector_system
Product Name
MX150™
Physical
Gender
Male
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
20.00
Plating min: Mating (µm)
0.500
Plating min: Termination (µin)
20.00
Plating min: Termination (µm)
0.50
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.90mm (.114") max.
Wire Size AWG
18, 20
Wire Size mm²
0.75, 1.00
Electrical
Current - Maximum per Contact
22A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Sales Drawing
AU5T-14421-AA, SD-34080-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34080Series
Mates With
34083 MX150™ Female Cable Seal
Terminal
Use With
33471 Single Row Sealed Connector, 33472
Dual Row Sealed Connector, 33476 Dual
Row Hybrid Sealed Connector, 34062 Single
Row 2-Way Cable Sealed Connector, 34250
Single Row 3-Way Cable Sealed Connector
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-34080-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-34080-001 MOLEX4-SD-34080-001 Datasheet
922Kb / 7P
   MX150??Male Cable Seal Terminal
SD-34080-001 MOLEX4-SD-34080-001 Datasheet
925Kb / 8P
   MX150??Male Cable Seal Terminal
More results

유사한 설명 - SD-34080-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0340800003 MOLEX4-0340800003 Datasheet
922Kb / 7P
   MX150??Male Cable Seal Terminal
0340801001 MOLEX4-0340801001 Datasheet
925Kb / 8P
   MX150??Male Cable Seal Terminal
0340812005 MOLEX4-0340812005 Datasheet
504Kb / 5P
   MX150??Female Cable Seal Terminal
0340815001 MOLEX4-0340815001 Datasheet
506Kb / 5P
   MX150??Female Cable Seal Terminal
0340813004 MOLEX4-0340813004 Datasheet
505Kb / 5P
   MX150??Female Cable Seal Terminal
0340801003 MOLEX1-0340801003_18 Datasheet
30Kb / 1P
   MX150 Male Cable Seal Terminal, Tin Plating, 22 AWG, Left Reel Payoff
0340800003 MOLEX1-0340800003_18 Datasheet
30Kb / 1P
   MX150 Male Cable Seal Terminal, Tin Plating, 22 AWG, Right Reel Payoff
0340801106 MOLEX1-0340801106 Datasheet
30Kb / 1P
   MX150 Male Cable Seal Terminal, Gold Plating, 22 AWG, Left Reel Payoff
0340800106 MOLEX1-0340800106 Datasheet
30Kb / 1P
   MX150 Male Cable Seal Terminal, Gold Plating, 22 AWG, Right Reel Payoff
0340800206 MOLEX1-0340800206 Datasheet
30Kb / 1P
   MX150 Male Cable Seal Terminal, Silver Plating, 22 AWG, Right Reel Payoff
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com