전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-19221-001 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 SD-19221-001
상세설명  Compression Style Ring Tongue Terminal for 6 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19221-001 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  SD-19221-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19221-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19221-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


유사한 부품 번호 - SD-19221-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-19221-001 MOLEX4-SD-19221-001 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire
SD-19221-001 MOLEX4-SD-19221-001 Datasheet
271Kb / 4P
   Compression Style Ring Tongue
SD-19221-001 MOLEX4-SD-19221-001 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire
SD-19221-001 MOLEX4-SD-19221-001 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal
SD-19221-001 MOLEX4-SD-19221-001 Datasheet
174Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire
More results

유사한 설명 - SD-19221-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0192210227 MOLEX4-0192210227 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire
0192210228 MOLEX4-0192210228 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire
0190820014 MOLEX4-0190820014 Datasheet
174Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire
0192210580 MOLEX4-0192210580 Datasheet
177Kb / 2P
   Compression Style Ring Tongue Terminal for 1 AWG Wire
0192210454 MOLEX4-0192210454 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire
0192210225 MOLEX4-0192210225 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire
0192210235 MOLEX4-0192210235 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 2 AWG Wire
0192210250 MOLEX4-0192210250 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 4/0 AWG Wire
0192210377 MOLEX4-0192210377 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire
0192210378 MOLEX4-0192210378 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 1 AWG Cable
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com