전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-19203-029 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-19203-029
상세설명  Krimptite??Temp-Term Ring Tongue Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19203-029 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-19203-029 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19203-029 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192030048
Status:
Active
Description:
Krimptite™ Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 6,
Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19203
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™, Temp-Terms
Type
Ring
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
6 (M3.5)
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.50
Material Info
Old Part Number
B-S-137-06T
Reference - Drawing Numbers
Sales Drawing
SD-19203-029
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19203Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270055
Mini-Mac™
Applicator
0638858100
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-19203-029

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-19203-016 MOLEX4-SD-19203-016 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
SD-19203-036 MOLEX4-SD-19203-036 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
More results

유사한 설명 - SD-19203-029

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0190440187 MOLEX4-0190440187 Datasheet
120Kb / 3P
   Krimptite??Ring Tongue Terminal
0190690217 MOLEX4-0190690217 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal
0192030182 MOLEX4-0192030182 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal
0192030101 MOLEX4-0192030101 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal
0192030005 MOLEX4-0192030005 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
0192030016 MOLEX4-0192030016 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
0192030113 MOLEX4-0192030113 Datasheet
72Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire
0190740015 MOLEX4-0190740015 Datasheet
79Kb / 2P
   Krimptite??Star Ring Tongue Terminal
0190740009 MOLEX4-0190740009 Datasheet
85Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal
0192030085 MOLEX4-0192030085 Datasheet
72Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com