전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

0190230004 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

부품명 0190230004
상세내용  InsulKrimp™ Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo 

0190230004 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190230004
Status:
Active
Description:
InsulKrimp™ Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab
4.75mm (.187") x 0.51mm (.020")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19023
Comments
Funnel Entry
Crimp Quality Equipment
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Insulation
PVC
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-50°C to +105°C
Wire Insulation Diameter
3.70mm (.145") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
AMCT-27XT
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
SD-19023-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19023Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638850900
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn