전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

0342500001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

부품명 0342500001
상세내용  4.50mm (.177") Pitch MX150™ Cable Sealed Female Connector, Single Row, 3Circuits, Polarization A, with Connector Position Assurance, Dual Key, Black
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo 

0342500001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0342500001
Status:
Active
Overview:
mx150_sealed_connector_system
Description:
4.50mm (.177") Pitch MX150™ Cable Sealed Female Connector, Single Row, 3
Circuits, Polarization A, with Connector Position Assurance, Dual Key, Black
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34250-000 (PDF)
General
Product Family
Crimp Housings
Series
34250
Comments
With Connector Position Assurance (CPA), Dual Key
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
mx150_sealed_connector_system
Product Name
MX150™
Physical
Circuits (maximum)
3
Circuits Detail
3
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester, Polyphenylene Ether Alloy
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.177 In
Pitch - Mating Interface (mm)
4.50 mm
Pitch - Term. Interface (in)
0.177 In
Pitch - Term. Interface (mm)
4.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
15A
Material Info
Reference - Drawing Numbers
Application Specification
AS-34250-100
Packaging Specification
PK-31300-068
Product Specification
PS-34250-000
Sales Drawing
SD-34250-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34250Series
Mates With
Direct Connect only
Use With
34083 Tin (Sn) Cable Seal Female Terminal,
34081 Gold (Au) Cable Seal Female
Terminal
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn