전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-951-10 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 D-951-10
상세설명  NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

D-951-10 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  D-951-10 Datasheet HTML 1Page - Molex Electronics Ltd. D-951-10 Datasheet HTML 2Page - Molex Electronics Ltd. D-951-10 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190670016
Status:
Active
Description:
NylaKrimp™ Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #5
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19067
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
NylaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
10 (M5)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
8.98mm (.350") max.
Wire Size AWG
8
Wire Size mm²
0.60 - 10.5
Material Info
Old Part Number
D-951-10
Reference - Drawing Numbers
Sales Drawing
SD-19067-017
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19067Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890001
Putt Pump Dieless
Head System
0192860065
Hand Crimp Tool
0640013900
This document was generated on 06/08/2010


유사한 부품 번호 - D-951-10

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
D-951-14 MOLEX4-D-951-14 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #6
More results

유사한 설명 - D-951-10

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0190670006 MOLEX4-0190670006 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #5
0190670025 MOLEX4-0190670025 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #8
0190670069 MOLEX4-0190670069 Datasheet
84Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #5
0190670045 MOLEX4-0190670045 Datasheet
83Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #5
0190670031 MOLEX4-0190670031 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #11
0190670032 MOLEX4-0190670032 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #12
0190670079 MOLEX4-0190670079 Datasheet
85Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 4 AWG Wire, Stud #8
0190670055 MOLEX4-0190670055 Datasheet
83Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #8
0190670035 MOLEX4-0190670035 Datasheet
154Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #6
0190670008 MOLEX4-0190670008 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #6
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com