전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-656-14XT 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 D-656-14XT
상세설명  InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 14, Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

D-656-14XT 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  D-656-14XT Datasheet HTML 1Page - Molex Electronics Ltd. D-656-14XT Datasheet HTML 2Page - Molex Electronics Ltd. D-656-14XT Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DOC NO. SD-19071-002
B
ETC2007-0019
ASSEMBLY IS ROHS COMPLIANT.
THICKNESS
REF
.045
.045
.045


유사한 부품 번호 - D-656-14XT

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
D-656-14X MOLEX4-D-656-14X Datasheet
172Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
More results

유사한 설명 - D-656-14XT

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0190710177 MOLEX4-0190710177 Datasheet
172Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 06, Mylar Tape Carrier
0190710179 MOLEX4-0190710179 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 08, Mylar Tape Carrier
0190710181 MOLEX4-0190710181 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10, Mylar Tape Carrier
0190750024 MOLEX4-0190750024 Datasheet
87Kb / 3P
   InsulKrimp??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10,Mylar Tape Carrier
0190700122 MOLEX4-0190700122 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 8, Length27.33mm (1.076"), Mylar Tape Carrier
0190700154 MOLEX4-0190700154 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 3/8", Length34.21mm (1.347"), Mylar Tape Carrier
0190710155 MOLEX4-0190710155 Datasheet
172Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 5/16", Length 36.25mm(1.427"), Mylar Tape Carrier
0190700120 MOLEX4-0190700120 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6, Length27.33mm (1.076"), Mylar Tape Carrier
0190700144 MOLEX4-0190700144 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6, Length26.21mm (1.032"), Mylar Tape Carrier
0190730096 MOLEX4-0190730096 Datasheet
99Kb / 3P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8, Length23.77mm (.936"), Mylar Tape Carrier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com