전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K4D26323RA 데이터시트(PDF) 2 Page - Samsung semiconductor

부품명 K4D26323RA
상세설명  1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D26323RA 데이터시트(HTML) 2 Page - Samsung semiconductor

  K4D26323RA Datasheet HTML 1Page - Samsung semiconductor K4D26323RA Datasheet HTML 2Page - Samsung semiconductor K4D26323RA Datasheet HTML 3Page - Samsung semiconductor K4D26323RA Datasheet HTML 4Page - Samsung semiconductor K4D26323RA Datasheet HTML 5Page - Samsung semiconductor K4D26323RA Datasheet HTML 6Page - Samsung semiconductor K4D26323RA Datasheet HTML 7Page - Samsung semiconductor K4D26323RA Datasheet HTML 8Page - Samsung semiconductor K4D26323RA Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
128M DDR SDRAM
K4D26323RA-GC
* VDD / VDDQ=2.8V *
- 2 -
Rev. 2.0 (Jan. 2003)
Revision History
Revision 2.0 (January 16, 2003)
• Changed package ball height from 0.25mm to 0.35mm
Revision 1.9 (August 12, 2002)
• Changed tRC of K4D26323RA-GC2A from 20tCK to 15tCK
• Changed tRFC of K4D26323RA-GC2A from 22tCK to 17tCK
• Changed tRAS of K4D26323RA-GC2A from 14tCK to 10tCK
• Changed tRCDRD of K4D26323RA-GC2A from 7tCK to 5tCK
• Changed tRCDWR of K4D26323RA-GC2A from 5tCK to 3tCK
• Changed tRP of K4D26323RA-GC2A from 6tCK to 5tCK
• Changed tDAL of K4D26323RA-GC2A from 9tCK to 8tCK
• Changed tRC of K4D26323RA-GC33 from 17tCK to 13tCK
• Changed tRFC of K4D26323RA-GC33 from 19tCK to 15tCK
• Changed tRAS of K4D26323RA-GC33 from 12tCK to 9tCK
• Changed tRCDRD of K4D26323RA-GC33 from 6tCK to 4tCK
• Changed tRCDWR of K4D26323RA-GC33 from 4tCK to 2tCK
• Changed tRP of K4D26323RA-GC33 from 5tCK to 4tCK
• Changed tWR of K4D26323RA-GC33 from 3tCK to 2tCK
• Changed tDAL of K4D26323RA-GC33 from 8tCK to 7tCK
Revision 1.8 (July 18, 2002)
• Changed power dissipation from 2,0W to 3.3W
Revision 1.7 (May 7, 2002)
• Typo corrected
Revision 1.6 (Janaury 29, 2002)
• Changed CL of K4D26323RA-GC33/36 from 5tCK to 4tCK
• Changed tCK(max) of K4D26323RA-GC2A from 5ns to 4ns. For all the CL5 operation, guaranteed tCK(max) is 4ns.
Revision 1.5 (December 10, 2001)
• Removed K4D263238A-GC33/40/45/50/55/60(VDD/VDDQ=2.5V) from the spec
Revision 1.4 (November 14, 2001)
• Added K4D26323RA-GC36(VDD/VDDQ=2.8V)
Revision 1.3 (October 22, 2001)
• Corrected part number of K4D263238A-GC2A to K4D26323RA-GC2A
• Changed tCDLR of -GC2A and GC33 from 3tCK to 2tCK and applied since Sept 15, 2001.
• Defined x32 DDR for mobile PC graphics separately - K4D26323AA-GL** featured with VDDQ=1.8V,ICC6=1mA with
reduced operating current. Refer to the K4D26323AA-GL** spec for more detail information.


유사한 부품 번호 - K4D26323RA

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC33 SAMSUNG-K4D263238A-GC33 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC36 SAMSUNG-K4D263238A-GC36 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC40 SAMSUNG-K4D263238A-GC40 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC45 SAMSUNG-K4D263238A-GC45 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
More results

유사한 설명 - K4D26323RA

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4D263238M SAMSUNG-K4D263238M Datasheet
281Kb / 19P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238F SAMSUNG-K4D263238F Datasheet
237Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238D SAMSUNG-K4D263238D Datasheet
239Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238E SAMSUNG-K4D263238E Datasheet
310Kb / 17P
   1M x 32Bit x 4 Banks Graphic Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
logo
NanoAmp Solutions, Inc.
NT5DS4M32EG NANOAMP-NT5DS4M32EG Datasheet
1Mb / 46P
   1M 횞 32 Bits 횞 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL
logo
Samsung semiconductor
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com