전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP9232 데이터시트(PDF) 11 Page - Samsung semiconductor

부품명 IRFP9232
상세설명  P-CHANNEL POWER MOSFETS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

IRFP9232 데이터시트(HTML) 11 Page - Samsung semiconductor

Back Button IRFP9232 Datasheet HTML 4Page - Samsung semiconductor IRFP9232 Datasheet HTML 5Page - Samsung semiconductor IRFP9232 Datasheet HTML 6Page - Samsung semiconductor IRFP9232 Datasheet HTML 7Page - Samsung semiconductor IRFP9232 Datasheet HTML 8Page - Samsung semiconductor IRFP9232 Datasheet HTML 9Page - Samsung semiconductor IRFP9232 Datasheet HTML 10Page - Samsung semiconductor IRFP9232 Datasheet HTML 11Page - Samsung semiconductor IRFP9232 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image


유사한 부품 번호 - IRFP9232

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP9240 INTERSIL-IRFP9240 Datasheet
56Kb / 7P
   12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
logo
International Rectifier
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
logo
Vishay Siliconix
IRFP9240 VISHAY-IRFP9240 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 26-Jun-08
logo
New Jersey Semi-Conduct...
IRFP9240 NJSEMI-IRFP9240 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
IRFP9240 NJSEMI-IRFP9240 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
More results

유사한 설명 - IRFP9232

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
IRF9530 SAMSUNG-IRF9530 Datasheet
378Kb / 6P
   P-CHANNEL POWER MOSFETS
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
   P-CHANNEL POWER MOSFETS
logo
Harris Corporation
IRF9540 HARRIS-IRF9540 Datasheet
424Kb / 7P
   P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRFU9010 SAMSUNG-IRFU9010 Datasheet
306Kb / 5P
   P-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF9640 NJSEMI-IRF9640 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRF9Z24 SAMSUNG-IRF9Z24 Datasheet
287Kb / 5P
   P-CHANNEL POWER MOSFETs
logo
New Jersey Semi-Conduct...
IRFP9240 NJSEMI-IRFP9240 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
logo
Texas Instruments
CSD25401Q3 TI1-CSD25401Q3 Datasheet
392Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFETs
logo
Unisonic Technologies
UTT60P03 UTC-UTT60P03 Datasheet
168Kb / 5P
   -60A, -30V, P-CHANNEL POWER MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com