전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

0357990490 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 0357990490
부품 상세설명  1.78mm (.070") Tab Wire-to-Board Housing, Female, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX5 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357990490 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  0357990490 Datasheet HTML 1Page - Molex Electronics Ltd. 0357990490 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357990490
Status:
Active
Description:
1.78mm (.070") Tab Wire-to-Board Housing, Female, 4 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35798-001 (PDF)
General
Product Family
Crimp Housings
Series
35799
Product Name
N/A
Physical
Circuits (maximum)
4
Gender
Female
Glow-Wire Compliant
No
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.236 In, 0.315 In
Pitch - Mating Interface (mm)
6.00 mm, 8.00 mm
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35798-001
Sales Drawing
SD-35799-002
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35799Series
Mates With
35798
Use With
57963
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 0357990490

제조업체부품명데이터시트부품 상세설명
Molex Electronics Ltd.
Molex Electronics Ltd.
0357990492 MOLEX5-0357990492 Datasheet
94Kb / 2P
   1.78mm (.070") Tab Wire-to-Board Housing, Female, 4 Circuits
More results


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com