전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-46007-001 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-46007-001
상세설명  7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 2 Circuits, PC Tail Length 5.33mm (.210"), with Snap-In Metal Pins, Tin (Sn) Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-46007-001 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-46007-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-46007-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-46007-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-46007-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-46007-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Product Specification
PSX-44441-9999
Sales Drawing
SD-46007-001
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-46007-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 4 Circuits, PC Tail Length 3.81mm (.150")
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 2 Circuits, PC Tail Length mm without
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 4 Circuits, PC Tail Length 3.81mm (.150"), without
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com