전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-47018-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-47018-001
상세설명  1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47018-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-47018-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47018-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47018-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-47018-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0470182002
Status:
Active
Description:
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm (.169"),
0.38µm (15µ") Gold (Au) Plating, Light Tin Solder Area, SurfaceMount, Right Angle,
Top Mount Type, 22 Circuits, Lead Free
Documents:
3D Model
Product Specification PS-67492-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR 19980
UL
E29179
General
Product Family
PCB Receptacles
Series
47018
Application
Board-to-Board
Comments
Top Mount Type
Product Name
Serial ATA
Physical
Circuits (Loaded)
22
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2.00
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47018Series
Mates With
87703-0001


유사한 부품 번호 - SD-47018-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-47019-002 MOLEX6-SD-47019-002 Datasheet
193Kb / 4P
   2.54mm (.100") Pitch SIM Card Connector, 6 Circuits, Housing Height 1.50mm (.059"), Lead Free
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com