전자부품 데이터시트 검색엔진 |
|
SD-45985-800 데이터시트(PDF) 2 Page - Molex Electronics Ltd. |
|
SD-45985-800 데이터시트(HTML) 2 Page - Molex Electronics Ltd. |
2 / 7 page Polarized to PCB Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 23A Voltage - Maximum 250V AC (RMS)/DC Solder Process Data Duration at Max. Process Temperature (seconds) 20 Lead-free Process Capability Wave Capable (TH only) Max. Cycles at Max. Process Temperature 3 Process Temperature max. C 260 Material Info Reference - Drawing Numbers Packaging Specification PK-45984-001 Product Specification PS-45984-001 Sales Drawing SD-45985-800 This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
유사한 부품 번호 - SD-45985-800 |