전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-49437-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-49437-001
상세설명  0.50mm (.020") Pitch Board-to-Board Shutter I/O Receptacle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-49437-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-49437-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-49437-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-49437-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-49437-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0494372411
Status:
Active
Description:
0.50mm (.020") Pitch Board-to-Board Shutter I/O Receptacle, SMT, Shielded, Right
Angle, 24 Circuits, Silver, Off Set Type
Documents:
3D Model
Product Specification PS-49437-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
49437
Application
Board-to-Board
Comments
Coplanarity of Soldertails 0.10mm max
Component Type
Receptacle
Product Name
N/A
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
Gender
Receptacle
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.000 In
PCB Thickness Recommended (mm)
0.00 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +65°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49437Series
Mates With
24P I/O Standard Plug


유사한 부품 번호 - SD-49437-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-49448-001 MOLEX6-SD-49448-001 Datasheet
450Kb / 4P
   1.10mm (.043")/1.27mm (.050") Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse
SD-49463-001 MOLEX6-SD-49463-001 Datasheet
260Kb / 3P
   2.00mm (0.078") LCD Housing Assembly, Single Row, 22 Circuits
SD-49463-001 MOLEX6-SD-49463-001 Datasheet
260Kb / 3P
   2.00mm (0.078") LCD Housing Assembly, Single Row, 10 Circuits
SD-49463-002 MOLEX6-SD-49463-002 Datasheet
260Kb / 3P
   2.00mm (0.078") LCD Housing Assembly, Single Row, 22 Circuits
SD-49463-002 MOLEX6-SD-49463-002 Datasheet
260Kb / 3P
   2.00mm (0.078") LCD Housing Assembly, Single Row, 10 Circuits
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com