전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416C1000C 데이터시트(PDF) 8 Page - Samsung semiconductor

부품명 KM416C1000C
상세설명  1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C1000C 데이터시트(HTML) 8 Page - Samsung semiconductor

Back Button KM416C1000C Datasheet HTML 4Page - Samsung semiconductor KM416C1000C Datasheet HTML 5Page - Samsung semiconductor KM416C1000C Datasheet HTML 6Page - Samsung semiconductor KM416C1000C Datasheet HTML 7Page - Samsung semiconductor KM416C1000C Datasheet HTML 8Page - Samsung semiconductor KM416C1000C Datasheet HTML 9Page - Samsung semiconductor KM416C1000C Datasheet HTML 10Page - Samsung semiconductor KM416C1000C Datasheet HTML 11Page - Samsung semiconductor KM416C1000C Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
KM416C1000C, KM416C1200C
CMOS DRAM
KM416V1000C, KM416V1200C
tCWD is referenced to the later CAS falling edge at word read-modify-write cycle.
tCWL is specified from W falling edge to the earlier CAS rising edge.
tCSR is referenced to the earlier CAS falling edge before RAS transition low.
tCHR is referenced to the later CAS rising edge after RAS transition low.
tCSR
tCHR
RAS
LCAS
UCAS
16.
15.
14.
13.
tDS, tDH is independently specified for lower byte DQ(0-7), upper byte DQ(8-15)
If
tRASS
≥100us, then RAS precharge time must use tRPS instead of tRP.
For RAS-only refresh and burst CAS-before-RAS refresh mode, 4096(4K)/1024(1K) cycles of burst refresh must be executed
within 64ms/16ms before and after self refresh, in order to meet refresh specification.
For distributed CAS-before-RAS with 15.6us interval CAS-before-RAS refresh should be executed with in 15.6us immediately
before and after self refresh in order to meet refresh specification.
17.
18.
19.
20.


유사한 부품 번호 - KM416C1000C

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

유사한 설명 - KM416C1000C

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com