전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416V1000B 데이터시트(PDF) 6 Page - Samsung semiconductor

부품명 KM416V1000B
상세설명  1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V1000B 데이터시트(HTML) 6 Page - Samsung semiconductor

  KM416V1000B Datasheet HTML 1Page - Samsung semiconductor KM416V1000B Datasheet HTML 2Page - Samsung semiconductor KM416V1000B Datasheet HTML 3Page - Samsung semiconductor KM416V1000B Datasheet HTML 4Page - Samsung semiconductor KM416V1000B Datasheet HTML 5Page - Samsung semiconductor KM416V1000B Datasheet HTML 6Page - Samsung semiconductor KM416V1000B Datasheet HTML 7Page - Samsung semiconductor KM416V1000B Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
KM416C1000B, KM416C1200B
CMOS DRAM
KM416V1000B, KM416V1200B
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-5
-6
-7
Units
Notes
Min
Max
Min
Max
Min
Max
Data set-up time
tDS
0
0
0
ns
8,16
Data hold time
tDH
10
10
15
ns
8,16
Refresh period (1K, Normal)
tREF
16
16
16
ms
Refresh period (4K, Normal)
tREF
64
64
64
ms
Refresh period (L-ver)
tREF
128
128
128
ms
Write command set-up time
tWCS
0
0
0
ns
6
CAS to W delay time
tCWD
36
40
50
ns
6,12
RAS to W delay time
tRWD
73
85
95
ns
6
Column address to W delay time
tAWD
48
55
60
ns
6
CAS precharge to W delay time
tCPWD
53
60
65
ns
6
CAS set-up time (CAS -before-RAS refresh)
tCSR
5
5
5
ns
14
CAS hlod time (CAS -before-RAS refresh)
tCHR
10
10
15
ns
15
RAS to CAS precharge time
tRPC
5
5
5
ns
CAS precharge time (CBR counter test cycle)
tCPT
20
20
25
ns
Access time from CAS precharge
tCPA
30
35
40
ns
3
Fast Page mode cycle time
tPC
35
40
45
ns
Fast Page read-modify-write cycle time
tPRWC
76
80
95
ns
CAS precharge time (Fast Page cycle)
tCP
10
10
10
ns
11
RAS pulse width (Fast Page cycle)
tRASP
50
200K
60
200K
70
200K
ns
RAS hold time from CAS precharge
tRHCP
30
35
40
ns
OE access time
tOEA
13
15
20
ns
3
OE to data delay
tOED
13
15
20
ns
Output buffer turn off delay time from OE
tOEZ
0
13
0
15
0
20
ns
OE command hold time
tOEH
13
15
20
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
100
us
17
RAS precharge time (C-B-R self refresh)
tRPS
90
110
130
ns
17
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
-50
ns
17


유사한 부품 번호 - KM416V1000B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416V1000C SAMSUNG-KM416V1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

유사한 설명 - KM416V1000B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com