전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416V256D 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 KM416V256D
상세설명  256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V256D 데이터시트(HTML) 1 Page - Samsung semiconductor

  KM416V256D Datasheet HTML 1Page - Samsung semiconductor KM416V256D Datasheet HTML 2Page - Samsung semiconductor KM416V256D Datasheet HTML 3Page - Samsung semiconductor KM416V256D Datasheet HTML 4Page - Samsung semiconductor KM416V256D Datasheet HTML 5Page - Samsung semiconductor KM416V256D Datasheet HTML 6Page - Samsung semiconductor KM416V256D Datasheet HTML 7Page - Samsung semiconductor KM416V256D Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KM416C256D, KM416V256D
CMOS DRAM
This is a family of 262,144 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory cells
within the same row. Power supply voltage (+5.0V or +3.3V), access time (-5,-6,-7), power consumption(Normal or Low power) and
package type(SOJ or TSOP-II) are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and
Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. This 256Kx16 fast page mode DRAM family is
fabricated using Samsung's advanced CMOS process to realize high band-width, low power consumption and high reliability.
It may be used as graphic memory unit for microcomputer, personal computer and portable machines.
¡Ü
Part Identification
- KM416C256D/DL (5V, 512K Ref.)
- KM416V256D/DL (3.3V, 512K Ref.)
¡Ü
Fast Page Mode operation
¡Ü
2 CAS Byte/Wrod Read/Write operation
¡Ü
CAS-before-RAS refresh capability
¡Ü
RAS-only and Hidden refresh capability
¡Ü
Self-refresh capability (L-ver only)
¡Ü
TTL(5V)/LVTTL(3.3V) compatible inputs and outputs
¡Ü
Early Write or output enable controlled write
¡Ü
JEDEC Standard pinout
¡Ü
Available in 40-pin SOJ 400mil and44(40)-pin
TSOP(II) 400mil packages
¡Ü
Triple +5V¡¾10% power supply(5V product)
¡Ü
Triple +3.3V¡¾0.3V power supply(3.3V product)
Control
Clocks
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer
Row Decoder
Column Decoder
Lower
Data out
Buffer
RAS
UCAS
LCAS
W
Vcc
Vss
DQ0
to
DQ7
A0
.
.
A8
Memory Array
262,144 x16
Cells
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
¡Ü
Refresh Cycles
Part
NO.
VCC
Refresh
cycle
Refresh period
Normal
L-ver
C256D
5V
512K
8ms
128ms
V256D
3.3V
¡Ü
Performance Range:
Speed
tRAC
tCAC
tRC
tPC
Remark
-5
50ns
15ns
90ns
35ns
5V only
-6
60ns
15ns
10ns
40ns
5V/3.3V
-7
70ns
20ns
130ns
45ns
5V/3.3V
¡Ü
Active Power Dissipation
Speed
3.3V(512 Ref.)
5V(512 Ref.)
-5
-
605
-6
325
495
-7
290
440
Unit : mW
Upper
Data in
Buffer
Upper
Data out
Buffer
Lower
Data in
Buffer
DQ8
to
DQ15
OE


유사한 부품 번호 - KM416V256D

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416V254D SAMSUNG-KM416V254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
More results

유사한 설명 - KM416V256D

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com