전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416RD8AS-SCM80 데이터시트(PDF) 5 Page - Samsung semiconductor

부품명 KM416RD8AS-SCM80
상세설명  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-SCM80 데이터시트(HTML) 5 Page - Samsung semiconductor

  KM416RD8AS-SCM80 Datasheet HTML 1Page - Samsung semiconductor KM416RD8AS-SCM80 Datasheet HTML 2Page - Samsung semiconductor KM416RD8AS-SCM80 Datasheet HTML 3Page - Samsung semiconductor KM416RD8AS-SCM80 Datasheet HTML 4Page - Samsung semiconductor KM416RD8AS-SCM80 Datasheet HTML 5Page - Samsung semiconductor KM416RD8AS-SCM80 Datasheet HTML 6Page - Samsung semiconductor KM416RD8AS-SCM80 Datasheet HTML 7Page - Samsung semiconductor KM416RD8AS-SCM80 Datasheet HTML 8Page - Samsung semiconductor KM416RD8AS-SCM80 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Page 2
KM416RD8AS
Direct RDRAM
Target
Rev. 0.9 July 1999
SEC KOREA
KM4 xx RD8AC
Pinouts and Definitions
This table shows the pin assignments of the center-bonded-
forward RDRAM package from the top-side of the package
(the view looking down on the package as it is mounted on
the circuit board).
Table 1 : Pin Assignment (Top View)
7
DQA7
DQA4
CFM
CFMN
RQ5
RQ3
DQB0
DQB4
DQB7
6
VSS
DQA5
DQA2
VDDA
RQ6
RQ2
DQB1
DQB5
VSS
5
CMD
VDD
VSS
VSSA
VDD
VSS
VDD
VDD
SIO0
4
3
SCK
VSS
VDD
VSS
VSS
VDD
VSS
VSS
SIO1
2
VCMOS
DQA6
DQA1
VREF
RQ7
RQ1
DQB2
DQB6
VCMOS
1
NC
DQA3
DQA0
CTMN
CTM
RQ4
RQ0
DQB3
NC
A
B
C
D
E
F
G
H
J
Chip
Top View
Top marking example of Consumer package
For Consumer package, pin #1(ROW 1, COL A)
is located at the A1 postion on the top side and the
A1 position is marked by the marker
"
SEC KOREA
KM416RD8AS-RK80


유사한 부품 번호 - KM416RD8AS-SCM80

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8ACD-RK70 SAMSUNG-KM416RD8ACD-RK70 Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8ACD-RK80 SAMSUNG-KM416RD8ACD-RK80 Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AD SAMSUNG-KM416RD8AD Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
More results

유사한 설명 - KM416RD8AS-SCM80

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com