전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416V4104B 데이터시트(PDF) 7 Page - Samsung semiconductor

부품명 KM416V4104B
상세설명  4M x 16bit CMOS Dynamic RAM with Extended Data Out
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V4104B 데이터시트(HTML) 7 Page - Samsung semiconductor

Back Button KM416V4104B Datasheet HTML 3Page - Samsung semiconductor KM416V4104B Datasheet HTML 4Page - Samsung semiconductor KM416V4104B Datasheet HTML 5Page - Samsung semiconductor KM416V4104B Datasheet HTML 6Page - Samsung semiconductor KM416V4104B Datasheet HTML 7Page - Samsung semiconductor KM416V4104B Datasheet HTML 8Page - Samsung semiconductor KM416V4104B Datasheet HTML 9Page - Samsung semiconductor KM416V4104B Datasheet HTML 10Page - Samsung semiconductor KM416V4104B Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
KM416V4004B, KM416V4104B
CMOS DRAM
TEST MODE CYCLE
Parameter
Symbol
-45
-5
-6
Units
Note
Min
Max
Min
Ma
Min
Ma
Random read or write cycle time
tRC
79
89
ns
Read-modify-write cycle time
tRWC
110
121
145
ns
Access time from RAS
tRAC
50
55
65
ns
3,4,10,12
Access time from CAS
tCAC
17
18
20
ns
3,4,5,12
Access time from column address
tAA
28
30
35
ns
3,10,12
RAS pulse width
tRAS
50
10K
55
10
65
10
ns
CAS pulse width
tCAS
12
10K
13
10
15
10
ns
RAS hold time
tRSH
18
18
20
ns
CAS hold time
tCSH
39
43
50
ns
Column Address to RAS lead time
tRAL
28
30
35
ns
CAS to W delay time
tCWD
29
35
39
ns
7
RAS to W delay time
tRWD
62
72
84
ns
7
Column Address to W delay time
tAWD
40
47
54
ns
7
Hyper Page cycle time
tHPC
22
25
30
ns
20
Hyper Page read-modify-write cycle time
tHPRWC
52
53
61
ns
20
RAS pulse width (Hyper page cycle)
tRASP
50
200K
55
200
65
200
ns
Access time from CAS precharge
tCPA
29
33
40
ns
3
OE access time
tOEA
17
18
20
ns
OE to data delay
tOED
13
18
20
ns
OE command hold time
tOEH
13
18
20
ns
( Note 11 )


유사한 부품 번호 - KM416V4104B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416V4104C SAMSUNG-KM416V4104C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4104CS-45 SAMSUNG-KM416V4104CS-45 Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results

유사한 설명 - KM416V4104B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com