전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM681002CJ-10 데이터시트(PDF) 4 Page - Samsung semiconductor

부품명 KM681002CJ-10
상세설명  128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681002CJ-10 데이터시트(HTML) 4 Page - Samsung semiconductor

  KM681002CJ-10 Datasheet HTML 1Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 2Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 3Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 4Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 5Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 6Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 7Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 8Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KM681002C/CL, KM681002CI/CLI
CMOS SRAM
PRELIMINARY
Revision 2.0
- 4 -
March 2000
PRELIMINARY
TEST CONDITIONS*
* The above test conditions are also applied at industrial temperature range.
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3ns
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=5.0V±10%, unless otherwise noted.)
READ CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
KM681002C-10
KM681002C-12
KM681002C-15
KM681002C-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
10
-
12
-
15
-
20
-
ns
Address Access Time
tAA
-
10
-
12
-
15
-
20
ns
Chip Select to Output
tCO
-
10
-
12
-
15
-
20
ns
Output Enable to Valid Output
tOE
-
5
-
6
-
7
-
9
ns
Chip Enable to Low-Z Output
tLZ
3
-
3
-
3
-
3
-
ns
Output Enable to Low-Z Output
tOLZ
0
-
0
-
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ
0
5
0
6
0
7
0
9
ns
Output Disable to High-Z Output
tOHZ
0
5
0
6
0
7
0
9
ns
Output Hold from Address
tOH
3
-
3
-
3
-
3
-
ns
Chip Selection to Power Up Time
tPU
0
-
0
-
0
-
0
-
ns
Chip Selection to Power Down-
tPD
-
10
-
12
-
15
-
20
ns
Output Loads(B)
DOUT
5pF*
480
255
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+5.0V
* Including Scope and Jig Capacitance
Output Loads(A)
DOUT
RL = 50
ZO = 50
VL = 1.5V
30pF*
* Capacitive Load consists of all components of the
test environment.


유사한 부품 번호 - KM681002CJ-10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-12 SAMSUNG-KM681002A-12 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-15 SAMSUNG-KM681002A-15 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-20 SAMSUNG-KM681002A-20 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002AI SAMSUNG-KM681002AI Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results

유사한 설명 - KM681002CJ-10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com