전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM681000BLRE-7 데이터시트(PDF) 9 Page - Samsung semiconductor

부품명 KM681000BLRE-7
상세설명  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BLRE-7 데이터시트(HTML) 9 Page - Samsung semiconductor

Back Button KM681000BLRE-7 Datasheet HTML 3Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 4Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 5Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 6Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 7Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 8Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 9Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 10Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
Address
CS1
Data Valid
CS2
WE
Data in
Data out
High-Z
High-Z
TIMING WAVEFORM OF WRITE CYCLE (2)
(CS2 Controlled)
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of low CS1, high CS2 and low WE. A write begins at the latest transition among CS1 going low, CS2 going high and WE
going low. A write ends at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the beginning or write
to the end of write.
2.
tCW is measured from the later of CS1 going low or CS2 going high to the end of write.
3.
tAS is measured from the address calid to the beginning of write.
4.
tWR is measured from the end of write to the address change. tWR1 applied in case a write ends at CS1, or WE going high, tWR2 applied in case a write
ends at CS2 going to low.
FUNCTIONAL DESCRIPTION
* X means don't care
CS1
CS2
WE
OE
Mode
I/O Pin
Current Mode
H
X
X
X
Power Down
High-Z
ISB,ISB1
X
L
X
X
Power Down
High-Z
ISB,ISB1
L
H
H
H
Output Disable
High-Z
ICC
L
H
H
L
Read
Dout
ICC
L
H
L
X
Write
Din
ICC
tWC
tCW(2)
tWR2(4)
tAW
tWP(1)
tDW
tDH
tAS(3)
tCW(2)


유사한 부품 번호 - KM681000BLRE-7

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

유사한 설명 - KM681000BLRE-7

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com