전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM681000BLRE-10 데이터시트(PDF) 10 Page - Samsung semiconductor

부품명 KM681000BLRE-10
상세설명  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BLRE-10 데이터시트(HTML) 10 Page - Samsung semiconductor

Back Button KM681000BLRE-10 Datasheet HTML 3Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 4Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 5Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 6Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 7Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 8Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 9Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 10Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
PACKAGE DIMENSIONS
Units :MillimeterS(Inches)
0~15¡É
1.91
#1
32 DUAL INLINE PACKAGE (600mil)
#32
13.60 ¡¾ 0.20
0.535 ¡¾ 0.008
4.191 ¡¾ 0.20
1.650 ¡¾ 0.008
(
)
0.075
+0.10
MAX
42.31
1.666
0.25
-0.05
+0.004
0.010
-0.002
2.54
0.100
MAX
3.81 ¡¾ 0.20
0.150 ¡¾ 0.008
5.08
0.200
MIN
0.015
0.38
0.130 ¡¾ 0.012
3.30 ¡¾ 0.30
#16
#17
1.52 ¡¾ 0.10
0.060 ¡¾ 0.004
0.46 ¡¾ 0.10
0.018 ¡¾ 0.004
32 PLASTIC SMALL OUTLINE PACKAGE (525mil)
0~8¡É
#32
20.47 ¡¾ 0.20
0.806 ¡¾ 0.008
MAX
20.87
0.822
MAX
2.74 ¡¾ 0.20
0.108 ¡¾ 0.008
3.00
0.118
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#1
0.71
(
)
0.028
11.43 ¡¾ 0.20
0.450 ¡¾ 0.008
0.80 ¡¾ 0.20
0.031 ¡¾ 0.008
+0.10
0.20
-0.05
+0.004
0.008
-0.002
14.12 ¡¾ 0.30
0.556 ¡¾ 0.012
#17
#16
1.27
0.050
+0.100
0.41
-0.050
+0.004
0.016
-0.002


유사한 부품 번호 - KM681000BLRE-10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

유사한 설명 - KM681000BLRE-10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com