전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KS86C6308 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 KS86C6308
상세설명  SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS86C6308 데이터시트(HTML) 3 Page - Samsung semiconductor

  KS86C6308 Datasheet HTML 1Page - Samsung semiconductor KS86C6308 Datasheet HTML 2Page - Samsung semiconductor KS86C6308 Datasheet HTML 3Page - Samsung semiconductor KS86C6308 Datasheet HTML 4Page - Samsung semiconductor KS86C6308 Datasheet HTML 5Page - Samsung semiconductor KS86C6308 Datasheet HTML 6Page - Samsung semiconductor KS86C6308 Datasheet HTML 7Page - Samsung semiconductor KS86C6308 Datasheet HTML 8Page - Samsung semiconductor KS86C6308 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
KS86C6308/P6308 (Preliminary Spec)
PRODUCT OVERVIEW
1-3
BLOCK DIAGRAM
48 MHz
PLL
LPF
12 MHz
12 MHz
OSC
XI
XO
SAM88RCRI
CORE
LVD
8K
ROM
160 Byte
RAM
Timer A
(8 Bit)
Timer B
(16 Bit)
Basic
Timer
8
B
i
t
B
U
S
USB Transceiver
&
Voltage Regulator
USB
Module
USB
Device
Control
PWREN1
PWREN2
PWREN3
PWREN4
GANGED
Port
P1.0 - P1.7
P0.0/INT2 - P0.7/INT2
P2.0/INT0 - P2.7/INT0
P4.0/INT1
P4.1/INT1
DP0/GPIO, DM0/GPIO
DP1, DM1
DP2, DM2
DP3, DM3
DP4, DM4
3.3 VOUT
OCDET1
OCDET2
OCDET3
OCDET4
LEDON0
LEDON1
LEDON2
LEDON3
VDD
VSS
VSS1
TEST
RESET
TMOD
P3.3/TACLK/CLO
P3.2/TBCLK/USB_CLK
P3.1/TBCAP/TAOUT
P3.1/TACAP/TBOUT
Port
Port
Port
Port
LEDON4
Figure 1-1. Block Diagram


유사한 부품 번호 - KS86C6308

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KS86C6104 SAMSUNG-KS86C6104 Datasheet
190Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU, a wide range of integrated peripherals, and supports OTP devic
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6408 SAMSUNG-KS86C6408 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results

유사한 설명 - KS86C6308

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4204 SAMSUNG-KS86C4204 Datasheet
204Kb / 28P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C4302 SAMSUNG-KS86C4302 Datasheet
208Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C4616 SAMSUNG-KS88C4616 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C4404 SAMSUNG-KS88C4404 Datasheet
285Kb / 36P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com