전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-45970-001 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-45970-001
상세설명  1.27mm (.050") x 1.27mm (.050") Pitch SEARAY Plug, 200 Circuits, 3.50mm (.137") Unmated Height, 10
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-45970-001 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-45970-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-45970-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45970-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45970-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-45970-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-45970-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-45970-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45970-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45970-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2.7A
Voltage - Maximum
240V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-45970-001, AS-45970-002, AS-45970-990
Packaging Specification
PK-45970-001
Product Specification
PS-45970-001, PS-45970-002
Sales Drawing
SD-45970-001
Test Summary
TS-45970-001
*SEARAY is a trademark of Samtec, Inc.
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-45970-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-45970-001 MOLEX6-SD-45970-001 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug
SD-45970-001 MOLEX6-SD-45970-001 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY Plug, 320 Circuits, 3.50mm (.137") Unmated Height, 8
SD-45970-001 MOLEX6-SD-45970-001 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY Plug, 200 Circuits, 5.00mm (.236") Unmated Height, 10 Rows
SD-45970-001 MOLEX6-SD-45970-001 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY Plug, 240 Circuits, 2.00mm (.078") Unmated Height, 8 Rows, Lead Free
SD-45970-001 MOLEX6-SD-45970-001 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY Plug, 400 Circuits, 2.00mm (.078") Unmated Height, 10 Rows, Lead Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com