전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-47151-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-47151-001
상세설명  0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm (.071")
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47151-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-47151-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0471516002
Status:
Active
Overview:
high_definition_multimedia_interface_hdmi
Description:
0.50mm (.020") Pitch HDMI* Receptacle, Right Angle with Screw Flange, Front Solder
Tab Length 1.80mm (.071"), Mounted Height 14.25mm (.561"), Shell Nickel (Ni) Plated,
without Back Cover, Black Housing, Tray Package, 19 Circuits, Lead Free
Documents:
3D Model
Product Specification PS-47152-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47151
Application
Wire-to-Board
Component Type
Receptacle
Overview
high_definition_multimedia_interface_hdmi
Product Name
HDMI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
19
Color - Resin
Black
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Bismuth
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
.5A
Shielded
Yes
Voltage - Maximum
40V DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47151Series
Mates With
88768 HDMI cable assembly, 88764 HDMI
Adapter, 88767 HDMI Adapter


유사한 부품 번호 - SD-47151-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-47151-001 MOLEX6-SD-47151-001 Datasheet
718Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, 0.76um (30u") Gold (Au) Plating, Front Solder Tab Length
SD-47151-001 MOLEX6-SD-47151-001 Datasheet
717Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Gold (Au) Flash Plated Contact
SD-47151-001 MOLEX6-SD-47151-001 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Gold (Au) Flash Plating, Front Solder Tab Length 1.45mm (.057")
SD-47151-001 MOLEX6-SD-47151-001 Datasheet
717Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm (.071")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com