전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-44262-100 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-44262-100
상세설명  9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 10-12 AWG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44262-100 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-44262-100 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44262-100 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44262-100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442624632
Status:
Active
Description:
9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with
Select Gold, 10-12 AWG
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
44262
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Durability (mating cycles max)
500
Gender
Female
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
.79mm (.031") max.
Wire Size AWG
10, 12
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
20A
Voltage - Maximum
600V AC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-44262-100
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44262Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
for 10, 12, 14 AWG
Power Contact
Terminals
0638195400
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-44262-100

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
228Kb / 4P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
228Kb / 4P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni), 14-16 AWG
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
227Kb / 3P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni), 8 AWG
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
227Kb / 3P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 8 AWG
SD-44262-100 MOLEX6-SD-44262-100 Datasheet
222Kb / 3P
   9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 8 AWG
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com