전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54861-1970 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 54861-1970
상세설명  2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 19 Circuits, Lead Free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX7 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54861-1970 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  54861-1970 Datasheet HTML 1Page - Molex Electronics Ltd. 54861-1970 Datasheet HTML 2Page - Molex Electronics Ltd. 54861-1970 Datasheet HTML 3Page - Molex Electronics Ltd. 54861-1970 Datasheet HTML 4Page - Molex Electronics Ltd. 54861-1970 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0548611970
Status:
Active
Description:
2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 19 Circuits, Lead Free
Documents:
3D Model
Product Specification PS-54861-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
54861
Component Type
Socket
Product Name
N/A
Physical
Circuits (Loaded)
19
Color - Resin
Natural
Durability (mating cycles max)
10
Entry Angle
Vertical
Keying to Mating Part
N/A
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-54861-005, RPS-54861-014
Sales Drawing
SD-54861-006, SD-54861-013
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54861Series
Mates With
LCD Pin|HIC Pin
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 54861-1970

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
54861-1070 MOLEX7-54861-1070 Datasheet
333Kb / 5P
   2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 10 Circuits, Lead Free
54861-1270 MOLEX7-54861-1270 Datasheet
333Kb / 5P
   2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 12 Circuits, Lead Free
54861-1470 MOLEX7-54861-1470 Datasheet
329Kb / 5P
   2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 14 Circuits, Lead Free
54861-1570 MOLEX7-54861-1570 Datasheet
329Kb / 5P
   2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 15 Circuits, Lead Free
54861-1670 MOLEX7-54861-1670 Datasheet
333Kb / 5P
   2.00mm (.079") Pitch HIC/LCD Pin Connector, Vertical, SMT, 16 Circuits, Lead Free
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com