전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S1T2425A 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 S1T2425A
상세설명  SPEECH NETWORK WITH DIALER INTERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T2425A 데이터시트(HTML) 1 Page - Samsung semiconductor

  S1T2425A Datasheet HTML 1Page - Samsung semiconductor S1T2425A Datasheet HTML 2Page - Samsung semiconductor S1T2425A Datasheet HTML 3Page - Samsung semiconductor S1T2425A Datasheet HTML 4Page - Samsung semiconductor S1T2425A Datasheet HTML 5Page - Samsung semiconductor S1T2425A Datasheet HTML 6Page - Samsung semiconductor S1T2425A Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A
1
INTRODUCTION
The S1T2425A is telephone speech network integrated circuit which
includes transmit amp, receive amp, side tone amp, DC loop interface
function, DTMF input, voltage regulator for speech, a regulated output
voltage for a dialer, and equalization circuit .
FEATURES
Low voltage operation (1.5V : speech)
Transmit, Receive, Side tone and DTMF level
are controlled by external resistors
Regulated voltage for dialer
Loop length equalization
MUTE function
Linear interface for DTMF
ORDERING INFORMATION
PIN CONFIGURATION
Device
Package
Operating Temperature
S1T2425A01-D0B0
18
−DIP−300A
− 20 to + 60°C
18
−DIP−300A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
S1T2425A
MIC
TXI
TXO
STA
CC
EQ
RXI
RXO
RMT
MT
MS
TI
VDD
V+
LR
LC
VR
V-


유사한 부품 번호 - S1T2425A

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S1T2410B01 SAMSUNG-S1T2410B01 Datasheet
197Kb / 8P
   bipolar integrated circuit designed as a telephone bell replacement
S1T2410B01-D0B0 SAMSUNG-S1T2410B01-D0B0 Datasheet
197Kb / 8P
   bipolar integrated circuit designed as a telephone bell replacement
S1T2410B02 SAMSUNG-S1T2410B02 Datasheet
197Kb / 8P
   bipolar integrated circuit designed as a telephone bell replacement
S1T2410B02-D0B0 SAMSUNG-S1T2410B02-D0B0 Datasheet
197Kb / 8P
   bipolar integrated circuit designed as a telephone bell replacement
S1T2418D02-D0B0 SAMSUNG-S1T2418D02-D0B0 Datasheet
38Kb / 4P
   TONE RINGER WITH DRIDGE DIODE
More results

유사한 설명 - S1T2425A

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Motorola, Inc
MC34014 MOTOROLA-MC34014 Datasheet
828Kb / 17P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KK6965 KODENSHI-KK6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
IL6965 INTEGRAL-IL6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com