전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54684-1204 데이터시트(PDF) 5 Page - Molex Electronics Ltd.

부품명 54684-1204
상세설명  0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 3.50mm (.138") Stacking Height, 120 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX7 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54684-1204 데이터시트(HTML) 5 Page - Molex Electronics Ltd.

  54684-1204 Datasheet HTML 1Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 2Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 3Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 4Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 5Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 6Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image


유사한 부품 번호 - 54684-1204

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
54684-1004 MOLEX7-54684-1004 Datasheet
560Kb / 7P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 4.00mm (.157") Stacking Height, 100 Circuits
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com