전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54722-0164 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 54722-0164
상세설명  0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 16 Circuits, Gold (Au)Plating with Nickel (Ni) Barrier Plating Between Contact and Tail
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX7 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54722-0164 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  54722-0164 Datasheet HTML 1Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 2Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 3Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 4Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 5Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 6Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 7Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image


유사한 부품 번호 - 54722-0164

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
54722-0204 MOLEX7-54722-0204 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical,1.50mm (.059") Stacking Height, Lower Circuit Size Version, 20 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
54722-0244 MOLEX7-54722-0244 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 24 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
54722-0304 MOLEX7-54722-0304 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 30 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
54722-0344 MOLEX7-54722-0344 Datasheet
783Kb / 9P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 34 Circuits, Gold Plating with Nickel Barrier Plating Between Contact and Tail
54722-0404 MOLEX7-54722-0404 Datasheet
695Kb / 7P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical 1.50mm (.059") Stacking Height, Lower Circuit Size Version, 40 Circuits, Gold Plating with Nickel Barrier Plating Between Contact and Tail
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com