전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54698-7007 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 54698-7007
상세설명  0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205") Mounted Height, 144 Circuits, 5.0V Power Supply, Hard Tray Packaging, Height9.00mm (.354") Type, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX7 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54698-7007 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  54698-7007 Datasheet HTML 1Page - Molex Electronics Ltd. 54698-7007 Datasheet HTML 2Page - Molex Electronics Ltd. 54698-7007 Datasheet HTML 3Page - Molex Electronics Ltd. 54698-7007 Datasheet HTML 4Page - Molex Electronics Ltd. 54698-7007 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0546987007
Status:
Active
Description:
0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")
Mounted Height, 144 Circuits, 5.0V Power Supply, Hard Tray Packaging, Height
9.00mm (.354") Type, Lead-free
Documents:
3D Model
Product Specification PS-54698-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
54698
Comments
5.0V Power Supply
Component Type
Memory Module
JEDEC Outline
N/A
Product Name
S.O. DIMM
Physical
Circuits (Loaded)
144
Color - Resin
Natural
Durability (mating cycles max)
30
Entry Angle
90° Angle (Side Entry)
Keying to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PCB Retention
Yes
PCB Thickness Recommended (in)
0.045 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Plating min: Mating (µin)
10
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
100V
Voltage Key
5.0V
Material Info
Reference - Drawing Numbers
Product Specification
PS-54698-003
Sales Drawing
SD-54698-004, SD-54698-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54698Series
Mates With
JEDEC Standard DRAM and SDRAM
modules
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 54698-7007

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
54698-7000 MOLEX7-54698-7000 Datasheet
264Kb / 4P
   0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 3.3V Power Supply, Lead-free
54698-7001 MOLEX7-54698-7001 Datasheet
264Kb / 4P
   0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 5.0V Power Supply, Lead-free
54698-7003 MOLEX7-54698-7003 Datasheet
355Kb / 5P
   0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 3.3V Power Supply, Hard Tray Packaging, Height11.00mm (.433") Type, Lead-free
54698-7006 MOLEX7-54698-7006 Datasheet
355Kb / 5P
   0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 3.3V Power Supply, Hard Tray Packaging, Height9.00mm (.354") Type, Lead-free
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com