전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1216 데이터시트(PDF) 1 Page - Sanken electric

부품명 2SA1216
상세설명  Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SA1216 데이터시트(HTML) 1 Page - Sanken electric

  2SA1216 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
∗hFE Rank O(30to60), Y(50to100), P(70to140), G(90to180)
13
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC2922)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–180
–180
–5
–17
–5
200(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
SymboI
VCBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
–100max
–100max
–180min
30min
–2.0max
40typ
500typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–180V
VEB=–5V
IC=–25mA
VCE=–4V, IC=–8A
IC=–8A, IB=–0.8A
VCE=–12V, IE=2A
VCB=–10V, f=1MHz
VCC
(V)
–40
RL
(
Ω)
4
IC
(A)
–10
VB2
(V)
5
IB2
(A)
1
ton
(
µs)
0.3typ
tstg
(
µs)
0.7typ
tf
(
µs)
0.2typ
IB1
(A)
–1
LAPT
2SA1216
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–5
–10
–15
–17
–1
–2
–3
–4
Collector-Emitter Voltage V CE(V)
–50mA
–100mA
I B=–20mA
–700mA
–400mA
–300mA
–200mA
–150mA
0
–3
–2
–1
0
–0.2
–0.4
–1.0
–0.6
–0.8
Base Current I B(A)
I C=–10A
–5A
Safe Operating Area (Single Pulse)
–2
–10
–100
–300
–0.2
–1
–0.5
–10
–50
–5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
0.02
0.1
1
1 0
0
20
40
60
(V CE=–12V)
Emitter Current I E(A)
Typ
1
1 0
100
1000
2000
Time t(ms)
0.1
1
2
0.5
θj-a–t Characteristics
f T– I E Characteristics (Typical)
200
160
120
80
40
5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
Collector Current I C(A)
(V CE=–4V)
–0.02
–0.1
–0.5 –1
–5
–10 –17
10
50
100
200
125˚C
25˚C
–30˚C
–0.02
–0.1
–1
–10
–0.5
–5
–17
10
50
100
300
Collector Current I C(A)
(V CE=–4V)
Typ
I C– V BE Temperature Characteristics (Typical)
0
–17
–15
–10
–5
0
– 2
–2.4
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
External Dimensions MT-200
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
2-ø3.2±0.1
36.4±0.3
9
24.4±0.2
0.65
+0.2
-0.1
3.0
+0.3
-0.1
6.0±0.2
2.1
a
b
C
Weight : Approx 18.4g
a. Part No.
b. Lot No.


유사한 부품 번호 - 2SA1216

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
logo
Wing Shing Computer Com...
2SA1216 WINGS-2SA1216 Datasheet
26Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Inchange Semiconductor ...
2SA1216 ISC-2SA1216 Datasheet
115Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1216 SAVANTIC-2SA1216 Datasheet
167Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1216 JMNIC-2SA1216 Datasheet
210Kb / 4P
   Silicon PNP Power Transistors
More results

유사한 설명 - 2SA1216

제조업체부품명데이터시트상세설명
logo
Sanken electric
2SA1673 SANKEN-2SA1673 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1908 SANKEN-2SA1908 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1294 SANKEN-2SA1294 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1303 SANKEN-2SA1303 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1494 SANKEN-2SA1494 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1215 SANKEN-2SA1215 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1262 SANKEN-2SA1262 Datasheet
23Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1386 SANKEN-2SA1386 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1488 SANKEN-2SA1488 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1693 SANKEN-2SA1693 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1694 SANKEN-2SA1694 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com