전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74320-4016 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 74320-4016
상세설명  MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 2.79mm (.110") PC Tail Length,
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX8 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-4016 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  74320-4016 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-4016 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-4016 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-4016 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


유사한 부품 번호 - 74320-4016

제조업체부품명데이터시트상세설명
logo
MolexKits
74320-4000 MOLEXKITS-74320-4000 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Molex Electronics Ltd.
74320-4000 MOLEX8-74320-4000 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 2.34mm(.092") PC Tail Length, Right Angle, 0.76關m (30關) Gold
logo
MolexKits
74320-4000 MOLEXKITS-74320-4000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
logo
Molex Electronics Ltd.
74320-4001 MOLEX8-74320-4001 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 1.27mm(.050") PC Tail Length, Right Angle, 0.76關m (30關) Gold
74320-4003 MOLEX8-74320-4003 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, PolyesterPCT), Through Hole, 3.12mm(.123") PC Tail Length, Right Angle, 0.76關m (30關) Gold
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com