전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74301-5018 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 74301-5018
상세설명  2.00mm (.079") Pitch HDM Board-to-Board Backplane Header, Vertical, SMC, Press- Fit, Extended PC Tail
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX8 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74301-5018 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  74301-5018 Datasheet HTML 1Page - Molex Electronics Ltd. 74301-5018 Datasheet HTML 2Page - Molex Electronics Ltd. 74301-5018 Datasheet HTML 3Page - Molex Electronics Ltd. 74301-5018 Datasheet HTML 4Page - Molex Electronics Ltd. 74301-5018 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Current - Maximum per Contact
1A
Data Rate
1.0 Gbps
Real Signals (per 25mm)
75
Shielded
No
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0868
Sales Drawing
SD-74301-001
HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 74301-5018

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74301-5101 MOLEX8-74301-5101 Datasheet
199Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, Press-Fit, Extended PC Tail, olar/Guide Option, 144 Circuits
74301-5103 MOLEX8-74301-5103 Datasheet
199Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, Press- Fit, Extended PC Tail, Polar/Guide Option, 144 Circuits
74301-5104 MOLEX8-74301-5104 Datasheet
199Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Extended PC Tail, Polar/Guide Option, 144 Circuits
74301-5105 MOLEX8-74301-5105 Datasheet
199Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Extended PC Tail, Polar/Guide Option, 144 Circuits
74301-5107 MOLEX8-74301-5107 Datasheet
199Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Extended PC Tail, Polar/Guide Option, 144 Circuits
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com