전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74696-8512 데이터시트(PDF) 4 Page - Molex Electronics Ltd.

부품명 74696-8512
상세설명  2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Signal Pin End Version, Advanced Mate Shield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX9 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74696-8512 데이터시트(HTML) 4 Page - Molex Electronics Ltd.

  74696-8512 Datasheet HTML 1Page - Molex Electronics Ltd. 74696-8512 Datasheet HTML 2Page - Molex Electronics Ltd. 74696-8512 Datasheet HTML 3Page - Molex Electronics Ltd. 74696-8512 Datasheet HTML 4Page - Molex Electronics Ltd. 74696-8512 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


유사한 부품 번호 - 74696-8512

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74696-1001 MOLEX-74696-1001 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
74696-1001 MOLEX8-74696-1001 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187")
74696-1002 MOLEX-74696-1002 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
74696-1002 MOLEX8-74696-1002 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 6.25mm (.246")
74696-1003 MOLEX-74696-1003 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results

유사한 설명 - 74696-8512

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0746961103 MOLEX9-0746961103 Datasheet
296Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Signal Pin End Version, Advanced Mate Shield, 40 Circuits
0746962602 MOLEX9-0746962602 Datasheet
296Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Signal Pin End Version, Advanced Mate Shield, 100 Circuits
0746971104 MOLEX9-0746971104 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits
0746972609 MOLEX9-0746972609 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 100 Circuits
0746971102 MOLEX9-0746971102 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits
0746511102 MOLEX8-0746511102 Datasheet
372Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield Pin End Version
0746962511 MOLEX9-0746962511 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Pin End Version
0746512511 MOLEX8-0746512511 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield End Version
0746512514 MOLEX8-0746512514 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield End Version
0746501104 MOLEX8-0746501104 Datasheet
397Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Signal Pin End Version
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com