전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3050N 데이터시트(PDF) 4 Page - Sanken electric

부품명 SI3050N
상세설명  3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI3050N 데이터시트(HTML) 4 Page - Sanken electric

  SI3050N Datasheet HTML 1Page - Sanken electric SI3050N Datasheet HTML 2Page - Sanken electric SI3050N Datasheet HTML 3Page - Sanken electric SI3050N Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
19
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3050N)
Rise Characteristics(SI-3050N)
Rise Characteristics(SI-3120N)
Overcurrent Protection Characteristics(SI-3050N)
Overcurrent Protection Characteristics(SI-3120N)
Thermal Protection Characteristics(SI-3050N)
Output Current IO (A)
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.2
0.4
0.6
0.8
1.0
Ambient Temperature Ta (
°C)
5.06
5.04
5.02
5.00
4.98
4.96
4.94
–40 –20
0
20
40
60
80 100 120 140
VIN=8V
IO =0A
VO =5V
0.25A
01
2
3
4
Input Voltage VIN (V)
56
6
5
4
3
2
1
0
0.5A
0.75A
Case Temperature TC (
°C)
6
5
4
3
2
1
0
0
20
60
100
140
180
VIN=8V
IO=10mA
Output Current IO (A)
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
8V
10V
Output Current IO (A)
14
12
10
8
6
4
2
0
0.5
0
1.0
1.5
2.0
22V
Note on Thermal Protection:
The thermal protection circuit is intended for pro-
tection against heat during instantaneous short-
circuiting. Its operation is not guaranteed for short-
circuiting over extended periods of time.
(Ta=25
°C)
qSI-3000N Series
Input Voltage VIN (V)
14
12
10
8
6
4
2
0
02468
10
12
14
16
IO=0A
=0.5A
=1.5A


유사한 부품 번호 - SI3050N

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3050 SILABS-SI3050 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
SI3050 SILABS-SI3050 Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
Si3050 SILABS-Si3050 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3050-E-FS SILABS-SI3050-E-FS Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
More results

유사한 설명 - SI3050N

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com